Part Number Hot Search : 
V351HA32 OBC1027T 85C51 SII9226 N5817 N5817 T90S23 TN9113
Product Description
Full Text Search
 

To Download WG12864A-YYH-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  # 1 ?e 17  winstar display co., ltd jur?]?g'?-?\?~ e? : 407 mm ? 163 ? no.163 chung ching rd. , taichune, taiwan, r.o.c web: http://www.winstar.com.tw e-mail: winstar@winstar.com.tw tel:886-4-24262208 fax ? 886-4- 24262207 specification customer : atlas electronic module no.: WG12864A-YYH-V approved by: ( for customer use only ) sales by approved by checked by prepared by issued date: free datasheet http:///
# 2 ?e 17  contents 1.module classification information 2.precautions in use of lcd modules 3.general specification 4.absolute maximum ratings 5.electrical characteristics 6.optical characteristics 7.interface description 8.contour drawing & block diagram 9. timing characteristics 10.display control instruction 11.detailed explanation 12.quality assurance 13.reliability 14.backlight information free datasheet http:///
# 3 ?e 17  1.module classification information w g 1 2 8 6 4 a  y y h  v ? ? ? ? ? ? ? ? ? brand ? winstar display corporation ? display type ? h ( character type, g ( graphic type ? display font ? 128 x 64 dots ? model serials no. ? backlight type ? n ( without backlight b ( el, blue green d ( el, green w ( el, white f ( ccfl, white y ( led, yellow green a ( led, amber r ( led, red o ( led, orange g ( led, green ? lcd mode ? b ( tn positive, gray t ( fstn negative n ( tn negative, g ( stn positive, gray y ( stn positive, yellow green m ( stn negative, blue f ( fstn positive ? lcd polarize type/ temperature range/ view direction a ( reflective, n.t, 6:00 d ( reflective, n.t, 12:00 g ( reflective, w. t, 6:00 j ( reflective, w. t, 12:00 b ( transflective, n.t,6:00 e ( transflective, n.t.12:00 h ( transflective, w.t,6:00 k ( transflective, w.t,12:00 c ( transmissive, n.t,6:00 f ( transmissive, n.t,12:00 i ( transmissive, w. t, 6:00 l ( transmissive, w.t,12:00 ? special code v : build in negative voltage ; free datasheet http:///
# 4 ?e 17  2.precautions in use of lcd modules (1)avoid applying excessive shocks to the module or making any alterations or modifications to it. (2)don?t make extra holes on the printed circuit board, modify its shape or change the components of lcd module. (3)don?t disassemble the lcm. (4)don?t operate it above the absolute maximum rating. (5)don?t drop, bend or twist lcm. (6)soldering: only to the i/o terminals. (7)storage: please storage in anti-static electricity container and clean environment. 3.general specification item dimension unit number of characters 128 x 64 dots  module dimension 93 x 70.0 x 13.6(max) mm view area 72.0 x 40.0 mm active area 66.52 x 33.24 mm dot size 0.48 x 0.48 mm dot pitch 0.52 x 0.52 mm lcd type stn, positive, transflective, yellow green duty 1/64 view direction 6 o?clock backlight type led yellow green free datasheet http:///
# 5 ?e 17  4.absolute maximum ratings item symbol min typ max unit operating temperature t op -20  +70 : storage temperature t st -30  +80 : input voltage v i 0  v dd v supply voltage for logic v dd 0  6.7 v supply voltage for lcd v dd -v ss 0  16.7 v supply voltage for lcd v dd -v out   -10 v 5.electrical characteristics item symbol condition min typ max unit supply voltage for logic v dd -v ss  4.5 5.0 5.5 v supply voltage for lcd v dd -v 0 ta=-20 : ta=25 : ta=+70 :   7.6  9.1  10.6   v v v input high volt. v ih  0.7v dd  v dd v input low volt. v il  0  0.3v dd v output high volt. v oh  2.4   v output low volt. v ol    0.4 v supply current i dd   5 7.5 ma free datasheet http:///
# 6 ?e 17  6.optical characteristics item symbol condition min typ max unit (v) e cr 
2 10  105 deg view angle (h) y cr 
2 -30  30 deg contrast ratio cr   3   t rise   200 300 ms response time t fall   200 300 ms definition of operation voltage (vop) definition of response time ( tr , tf ) driving voltage(v) intensity cr max 100 ?? vop selected wave non-selected wave [positive type] cr = lon / loff intensity 90 ?? 100 ?? tr 10 ?? tf non-selected conition non-selected conition selected conition [positive type] conditions : operating voltage : vop viewing angle( e?y ) : 0 c? 0 frame frequency : 64 hz driving waveform : 1/n duty , 1/a bias definition of viewing angle(cr 
2) ? f  = 180  = 90  = 0  = 270 ? b ? r ? l free datasheet http:///
# 7 ?e 17  7.interface description pin no. symbol level description 1 v ss 0v ground 2 v dd 5.0v supply voltage for logic 3 v o (variable) operating voltage for lcd 4 d/i h/l h: data , l : instruction 5 r/w h/l h: read (mpu ' module) , l: write (mpu ( module) 6 e h enable signal 7 db0 h/l data bit 0 8 db1 h/l data bit 1 9 db2 h/l data bit 2 10 db3 h/l data bit 3 11 db4 h/l data bit 4 12 db5 h/l data bit 5 13 db6 h/l data bit 6 14 db7 h/l data bit 7 15 cs1 h select column 1~ column 64 16 cs2 h select column 65~ column 128 17 rst l reset signal 18 vout  negative voltage 19 a  power supply for led backlight ( + ) 20 k  power supply for led backlight ( - ) free datasheet http:///
# 8 ?e 17  8.contour drawing &block diagram external contrast adjustment. 10k~20k the non-specified tolerance of dimension is 0.3mm. fr,m,cl,clk1,clk2 seg driver seg1~64 80 series 68 series res cs1 cs2 db0~db7 or mpu r/w e d/i ks0108 seg driver seg65~128 ks0108 generator n.v. vout bias and power circuit vdd vo vss vr 70.0 0.5 1.5 50.2 40.0(va) 66.52(aa) 13.24 18.38 15.0 32.46 28.0 65.0 88.0 20- 1.0 pth p2.54*19=48.26 20 14.0 2.5 1.8 33.24(aa) 0.48 0.52 0.48 0.52 128x64 dot dot size com driver ks0107 com1~64 4- 2.5 pth 4- 6.5 pad 2.5 1 5.08 14.0 4- 1.0 pth k a 1.6 led b/l 72.0(va) 93.0 0.5 80.0 10.5 7.0 9.9 2.5 13.6 max 9.0 (contrast performance may go down.) (will never get vee output from pin19) 3.drive from vdd,vss a lcm k b/l r r lcm k r a b/l led b/l drive method 2.drive from pin19, pin20 1.drive from a,k r b/l k a a 19 20 k vout cs2 res 18 17 16 db6 db5 db7 15 14 13 12 cs1 db4 db3 db2 11 10 9 8 db1 4 d/i r/w 7 6 5 db0 e vss vdd 2 3 1 vo free datasheet http:///
# 9 ?e 17  9.timing characteristics mpu interface (t=25 : , vdd=+5.0v0.5) characteristic symbol min typ max unit e cycle tcyc 1000   ns e high level width twhe 450   ns e low level width twle 450   ns e rise time tr   25 ns e tall time tf   25 ns address set-up time tas 140   ns address hold time tah 10   ns data set-up time tdsw 200   ns data delay time tddr   320 ns data hold time (write) tdhw 10   ns data hold time (read) tdhr 20   ns e r /w c s 1 ,c s 2 ,d /i d b 0 to d b 7 2.0v 0.8v tw he tr tf tah tas tah 2.0v 0.8v tdsw tdhw tcyc tw ie tas mpu write timing e r /w c s1,c s2,d /i db0 to db7 2.0v 0.8v 2.0v 0.8v tddr tdhr twhe tr tf tah tas tas tah 2.0v 0.8v tcyc tw ie mpu read timing free datasheet http:///
# 10 ?e 17  10.display control instruction the display control instructions control the internal state of the ks0108b. instruction is received from mpu to ks0108b for the display control. the following table shows various instructions instruction d/i r/ w db7 db6 db5 db4 db3 db2 db1 db0 function display on/off 0 0 0 0 1 1 1 1 1 0/1 controls the display on or off. internal status and display ram data are not affected. 0:off, 1:on set address 0 0 0 1 y address (0~63) sets the y address in the y address counter. set page (x address) 0 0 1 0 1 1 1 page (0 ~7) sets the x address at the x address register. display start line 0 0 1 1 display start line(0~63) indicates the display data ram displayed at the top of the screen. status read 0 1 b u s y 0 on/ off r e s e t 0 0 0 0 read status. busy 0:ready 1:in operation on/off 0:display on 1:display off reset 0:normal 1:reset write display data 1 0 display data writes data (db0:7)into display data ram. after writing instruction, y address is increased by 1 automatically. read display data 1 1 display data reads data (db0:7) from display data ram to the data bus. free datasheet http:///
# 11 ?e 17  11.detailed explanation display on/off the display data appears when d is and disappears when d is 0. though the data is not on the screen with d = 0, it remains in the display data ram. therefore, you can make it appear by changing d = 0 into d = 1. display start line z address aaaaaa ( binary ) of the display data ram is set in the display start line register and displayed at the top of the screen. figure 2. shows examples of display ( 1/64 duty cycle ) when the start line = 0-3. when the display duty cycle is 1/64 or more ( ex. 1/32, 1/24 etc. ), the data of total line number of lcd screen, from the line specified by display start line instruction, is displayed set page ( x address ) x address aaa ( binary ) of the display data ram is set in the x address register. after that, writing or reading to or from mpu is executed in this specified page until the next page is set. see figure 1. r/w d/i db7 db6 db5 db4 db3 db2 db1 db0 0 0 0 0 1 1 1 1 1 d r/w d/i db7 db6 db5 db4 db3 db2 db1 db0 0 0 1 1 a a a a a a r/w d/i db7 db6 db5 db4 db3 db2 db1 db0 0 0 1 0 1 1 1 a a a free datasheet http:///
# 12 ?e 17  set y address y address aaaaaa ( binary ) of the display data ram is set in the y address counter. after that, y address counter is increased by 1 every time the data is written or read to or from mpu. status read busy when busy is 1, the lsi is executing internal operations. no instruction are accepted while busy is 1, so you should make sure that busy is 0 before writing the next instruction. on/off shows the liquid crystal display condition: on condition or off condition. when on/off is 1, the display is in off condition. when on/off is 0, the display is in on condition reset reset = 1 shows that the system is being initialized. in this condition, no instructions except status read can be accepted. reset = 0 shows that initializing has system is in the usual operation condition. write display data r/w d/i db7 db6 db5 db4 db3 db2 db1 db0 0 0 0 1 a a a a a a r/w d/i db7 db6 db5 db4 db3 db2 db1 db0 0 1 busy 0 on/off reset 0 0 0 0 r/w d/i db7 db6 db5 db4 db3 db2 db1 db0 0 0 d d d d d d d d free datasheet http:///
# 13 ?e 17  writes 8-bit data dddddddd ( binary ) into the display data ram. the y address is increased by 1 automatically. read display data reads out 8-bit data dddddddd ( binary ) from the display data ram. then y address is increased by 1 automatically. one dummy read is necessary right after the address setting. for details, refer to the explanation of output register in ?function of each block?. r/w d/i db7 db6 db5 db4 db3 db2 db1 db0 1 1 d d d d 1 d d d 0 12 61 62 63 db0 to db7 to db7 db0 db7 db0 to to db7 db0 x = 0 x = 1 x = 6 x = 7 y a ddress page 0 page 1 page 6 page 7 figure 1. free datasheet http:///
# 14 ?e 17  start line = 0 com 6 com 64 com 61 com 62 com 63 com 60 com 9 com 8 com 7 com 2 com 5 com 4 com 3 com 1 com 6 start line = 1 com 64 com 61 com 62 com 63 com 60 com 9 com 8 com 7 com 2 com 5 com 4 com 3 com 1 com 6 start line = 3 com 64 com 61 com 62 com 63 com 60 com 9 com 8 com 7 com 2 com 5 com 4 com 3 com 1 com 1 com 3 com 4 com 5 com 2 com 7 com 8 com 9 com 60 com 63 com 62 com 61 com 64 com 6 start line = 4 figure 2. free datasheet http:///
# 15 ?e 17  12. quality assurance screen cosmetic criteria no. defect judgment criterion partition 1 spots a)clear size: d mm acceptable qty in active area d  0.1 disregard 0.1 # 16 ?e 17  13.reliability content of reliability test ***supply voltage for logic system=5v. supply voltage for lcd system =operating voltage at 25 : environmental test test item content of test test condition applicable standard high temperature storage endurance test applying the high storage temperature for a long time. 80 : 200hrs ?? low temperature storage endurance test applying the high storage temperature for a long time. -30 : 200hrs ?? high temperature operation endurance test applying the electric stress (voltage & current) and the thermal stress to the element for a long time. 70 : 200hrs ?? low temperature operation endurance test applying the electric stress under low temperature for a long time. -20 : 200hrs ?? high temperature/ humidity storage endurance test applying the high temperature and high humidity storage for a long time. 80 : ,90%rh 96hrs ?? high temperature/ humidity operation endurance test applying the electric stress (voltage & current) and temperature / humidity stress to the element for a long time. 70 : ,90%rh 96hrs ?? temperature cycle endurance test applying the low and high temperature cycle. -30 : 25 : 80 : 30min 5min 30min 1 cycle -30 : /80 : 10 cycles ?? mechanical test vibration test endurance test applying the vibration during transportation and using. 10~22hz ( 1.5mmp-p 22~500hz ( 1.5g total 0.5hrs ?? shock test constructional and mechanical endurance test applying the shock during transportation. 50g half sign wave 11 msedc 3 times of each direction ?? atmospheric pressure test endurance test applying the atmospheric pressure during transportation by air. 115mbar 40hrs ?? others static electricity test endurance test applying the electric stress to the terminal. vs=800v,rs=1.5k  cs=100pf 1 time ?? free datasheet http:///
# 17 ?e 17  14.backlight information specification parameter symbol min typ max unit test condition supply current iled g 330 660 ma v=4.2v supply voltage v  4.2 4.6 v  reverse voltage vr   8 v  luminous intensity iv 200 250  cd/m 2 iled=330ma wave length  p 571 g 576 nm iled=330ma life time   100k  hr. v  4.6v color yellow green free datasheet http:///


▲Up To Search▲   

 
Price & Availability of WG12864A-YYH-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X